|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Document 110-1 www..com 5 mm Tunable Inductor - 164, 165 Series Coilcraft tunable inductors provide the compactness of a 5 mm coil and the low drift reliability of an insert molded coil. Standard inductance values range from 9 nH to over 280 nH. The windings of these economical coils are precision molded into a single piece of polypropylene/nylon/PET for mechanical and electrical stability. Optional plated brass shield cans with solderable tabs provide integral shielding and additional mounting stability. These parts can be odered without cores for use as fixed inductors. Coilcraft's Designer's Kit M305 contains samples of all standard values. To order, please contact Coilcraft or purchase on-line at http://order.coilcraft.com. Unshielded Styles 0.310 0.020 7,87 0,51 0.130 0.040 3,30 1,02 Start 0.139 0.005 3,53 0,13 TRITUNER 3 TOOLS IN 1 SEE INDEX TUNING WRENCH 0.139 0.005 3,53 0,13 0.205 0.005 square 5,21 0,13 0.018 dia 0,46 Finish Shielded Styles 0.120 dia hole 3,05 0.340 max 8,64 0.120 0.010 3,05 0,25 Tab length Start 0.212 Tab centers 5,38 Recommended Board Layout 0.051 (for shield 1,30 can tabs) 0.0695 1,765 0.0695 1,765 0.038 (2) 0,965 0.106 2,69 C L C L 0.031 0.010 0,79 0,25 0.230 square max 5,84 Finish Terminations: Leads: Tin-silver over copper Shield can tabs: Tin silver over nickel over brass Weight: 164 series 165 series Unshielded 0.16 - 0.31 g 0.15 - 0.25 g With shield can 0.45 - 0.60 g 0.43 - 0.54 g Specifications subject to change without notice. Please check our website for latest information. Document 110-1 Revised 08/15/05 (c) Coilcraft, Inc. 2006 Document 110-2 www..com 5 mm Tunable Inductor -- Unshielded Part number1 164-01A06L 164-02A06L 164-03A06L 164-04A06L 164-05A06L 164-06A06L 164-07A06L 164-08A06L 164-09A06L 164-10A06L 164-11A06L 165-00A06L 165-01A06L 165-02A06L 165-03A06L 165-04A06L 165-05A06L 165-06A06L 165-07A06L Color Brown Red Orange Yellow Green Blue Violet Gray White Black Brown Black Brown Red Orange Yellow Green Blue Violet Turns 11/2 21/2 31/2 41/2 51/2 61/2 71/2 81/2 91/2 101/2 111/2 1/2 11/2 21/2 31/2 41/2 51/2 61/2 71/2 No core at L max3 at L min4 2 Q min5 L (nH)2 Q min5 L (nH)2 Q min5 L (nH) 19 34 55 77 101 128 156 183 216 248 281 9 18 32 48 64 83 103 122 145 138 130 119 108 107 106 100 100 92 92 147 145 143 138 133 125 120 115 19 34 55 77 99 126 150 178 190 223 246 9 18 32 45 60 78 90 105 145 138 130 119 86 75 68 62 62 55 55 147 145 143 135 114 110 94 92 16 26 38 52 65 83 97 112 131 148 170 9 15 25 33 43 54 68 79 112 96 79 72 64 60 57 53 53 51 51 131 112 92 84 76 73 70 69 Freq (MHz) 150 150 150 150 150 100 100 100 100 100 100 150 150 150 150 150 150 150 150 No core SRF min (MHz) 2000 1260 960 850 770 730 640 570 540 490 360 6000 2850 1860 1410 1130 820 800 770 Irms6 (A) 7.2 5.1 4.4 3.7 3.6 3.3 3.1 2.9 2.7 2.5 2.3 8.1 6.5 4.9 4.2 3.8 3.6 3.4 3.1 Notes: 1. To order fixed inductance parts without cores, eliminate the "A06", e.g. 164-01. 2. Inductance measured on Agilent/HP 4286A Impedance Analyzer with 16092A Spring Clip Fixture. 3. L max measured with core halfway out top of form. 4. L min measured with core centered in winding. 5. Q measured on Agilent/HP 4286A with 16092A fixture, direct connect to Agilent/HP 4342A Q-Meter and Meguro MQ-171 Q-Meter with 0.5 bus bars. 6. Average current for a 15C rise above 25C ambient. 7. Core: Aluminum 0.187 (4,75 mm) long. 8. Operating temperature range -40C to +85C. 9. Electrical specifications 25C. See Qualification Standards section for environmental and test data. Typical Q vs Frequency 164 Series No Core 180 160 140 120 05 03 01 180 160 140 120 164 Series Al Core Q factor Q factor 100 80 60 40 20 10 11 07 100 80 60 40 20 10 01 03 05 11 20 40 60 80 100 200 400 20 40 60 80 100 200 400 Frequency (MHz) Frequency (MHz) 165 Series No Core 180 160 140 04 120 07 00 02 180 160 140 165 Series Al Core 00 120 Q factor Q factor 100 80 60 40 20 10 100 80 04 60 40 20 10 07 02 20 40 60 80 100 200 400 20 40 60 80 100 200 400 Frequency (MHz) Frequency (MHz) Specifications subject to change without notice. Please check our website for latest information. Document 110-2 Revised 03/18/05 (c) Coilcraft, Inc. 2006 Document 110-3 www..com 5 mm Tunable Inductor -- Shielded Part number1 164-01A06SL 164-02A06SL 164-03A06SL 164-04A06SL 164-05A06SL 164-06A06SL 164-07A06SL 164-08A06SL 164-09A06SL 164-10A06SL 164-11A06SL 165-00A06SL 165-01A06SL 165-02A06SL 165-03A06SL 165-04A06SL 165-05A06SL 165-06A06SL 165-07A06SL TRITUNER 3 TOOLS IN 1 SEE INDEX TUNING WRENCH Freq (MHz) 150 150 150 150 150 150 100 100 100 100 100 150 150 150 150 150 150 150 150 Color Brown Red Orange Yellow Green Blue Violet Gray White Black Brown Black Brown Red Orange Yellow Green Blue Violet Turns 11/2 21/2 31/2 41/2 51/2 61/2 71/2 81/2 91/2 101/2 111/2 1/2 11/2 21/2 31/2 41/2 51/2 61/2 71/2 No core at L max3 at L min4 2 Q min5 L (nH)2 Q min5 L (nH)2 Q min5 L (nH) 16 27 41 56 71 88 105 122 141 160 179 9 16 25 35 46 57 68 80 124 108 92 86 80 79 75 74 71 69 69 138 124 110 104 97 92 86 85 16 27 41 56 71 80 101 117 134 150 164 9 16 25 33 41 50 59 70 124 108 92 84 79 77 70 64 62 60 60 138 124 110 102 90 82 75 74 14 22 32 43 53 65 76 87 100 113 127 9 14 21 28 35 43 52 60 106 89 72 66 60 59 54 54 53 51 51 121 104 87 78 69 67 65 64 No core SRF min (MHz) 2100 1300 1100 940 980 800 750 580 550 490 400 6000 2570 1670 1230 1150 820 800 770 Irms6 (A) 7.2 5.1 4.4 3.7 3.6 3.3 3.1 2.9 2.7 2.5 2.3 8.1 6.5 4.9 4.2 3.8 3.6 3.4 3.1 Notes: 1. To order fixed inductance parts without cores, eliminate the "A06", e.g. 164-01S. 2. Inductance measured on Agilent/HP 4286A Impedance Analyzer with 16092A Spring Clip Fixture. 3. L max measured with core halfway out top of form. 4. L min measured with core centered in winding. 5. Q measured on Agilent/HP 4286A with 16092A fixture, direct connect to Agilent/HP 4342A Q-Meter and Meguro MQ-171 Q-Meter with 0.5 bus bars. 6. Average current for a 15C rise above 25C ambient. 7. Core: Aluminum 0.187 (4,75 mm) long. 8. Operating temperature range -40C to +85C. 9. Electrical specifications 25C. See Qualification Standards section for environmental and test data. Typical Q vs Frequency 164 Series No Core 180 160 140 120 01 180 160 140 120 164 Series Al Core Q factor 100 80 60 40 20 10 03 05 11 Q factor 100 80 60 40 20 10 03 05 11 01 20 40 60 80 100 200 400 20 40 60 80 100 200 400 Frequency (MHz) Frequency (MHz) 165 Series No Core 180 160 140 120 00 180 160 140 120 165 Series Al Core Q factor Q factor 02 100 80 60 40 20 10 04 07 00 02 100 80 60 40 20 10 04 07 20 40 60 80 100 200 400 20 40 60 80 100 200 400 Frequency (MHz) Frequency (MHz) Specifications subject to change without notice. Please check our website for latest information. Document 110-3 Revised 03/18/05 (c) Coilcraft, Inc. 2006 |
Price & Availability of 164 |